Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 140 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 136Page - NXP Semiconductors IMX7DCEC Datasheet HTML 137Page - NXP Semiconductors IMX7DCEC Datasheet HTML 138Page - NXP Semiconductors IMX7DCEC Datasheet HTML 139Page - NXP Semiconductors IMX7DCEC Datasheet HTML 140Page - NXP Semiconductors IMX7DCEC Datasheet HTML 141Page - NXP Semiconductors IMX7DCEC Datasheet HTML 142Page - NXP Semiconductors IMX7DCEC Datasheet HTML 143Page - NXP Semiconductors IMX7DCEC Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
140
6.2.2
19 x 19 mm supplies contact assignments and functional contact
assignments
Table 101 shows supplies contact assignments for the 19 x 19 mm package.
Table 101. i.MX 7Dual 19 x 19 mm supplies contact assignments
Rail
Pins
Comments
ADC2_VDDA_1P8
AB03
DRAM_VREF
AC13
DRAM_ZQPAD
AB13
DDR output buffer driver calibration reference
voltage input. Connect DRAM_ZQPAD to an
external 240  1% resistor to Vss
FUSE_FSOURCE0
V08
GND
A01,A03,A06,A09,A13,A17,A21,A25,B03,B06
,B09,B13,B17,B21,C09,C13,C15,C16,C18,C1
9,D01,D02,D04,D07,D10,D22,F07,F08,F11,F
13,G07,G04,G09,G11,G13,G15,G17,G19,G2
2,H01,H02,J07,J19,K04,K10,K12,K14,K16,K2
2,L07,L11,L13,L15,L19,M10,M12,M14,M16,M
24,M25,N04,N07,N11,N13,N15,N19,P10,P12,
P14,P16,R07,R11,R13,R15,R19,R20,R21,R2
3,T04,T10,T12,T14,T16,T20,U07,U11,U19,U2
0,U23,V20,W01,W02,W04,W07,W09,W11,W1
3,W15,W17,W19,W20,W23,Y06,Y13,Y14,Y15
,Y16,Y17,Y18,Y19,AA01,AA02,AA06,AA08,A
A15,AA23,AB04,AB05,AB07,AB09,AB12,AC0
6,AC09,AC12,AC15,AC17,AC19,AC21,AC23,
AD02,AD07,AD09,AD12,AE01,AE05,AE07,A
E09,AE12,AE24,AE25, AD05
Ground
GPANIO
V04
Test signal. Should be left unconnected.
MIPI_VREG_0P4V
H18
NVCC_DRAM
T21,U21,V21,W21,Y21,AA16,AA17,AA18,AA
19,AA20,AA21
NVCC_DRAM_CKE
Y20
NVCC_ENET1
H16
Supply for ENET interface
NVCC_EPDC1
M18
Supply for EPDC interface
NVCC_EPDC2
L17
Supply for EPDC interface
NVCC_GPIO1
P08
Supply for GPIO1 interface
NVCC_GPIO2
T08
Supply for GPIO2 interface
NVCC_I2C
M08
Supply for I2C interface
NVCC_LCD
K18
Supply for LCD interface
NVCC_SAI
F12
Supply for SAI interface
NVCC_SD1
E07
Supply for SD card interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com