Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 142 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 138Page - NXP Semiconductors IMX7DCEC Datasheet HTML 139Page - NXP Semiconductors IMX7DCEC Datasheet HTML 140Page - NXP Semiconductors IMX7DCEC Datasheet HTML 141Page - NXP Semiconductors IMX7DCEC Datasheet HTML 142Page - NXP Semiconductors IMX7DCEC Datasheet HTML 143Page - NXP Semiconductors IMX7DCEC Datasheet HTML 144Page - NXP Semiconductors IMX7DCEC Datasheet HTML 145Page - NXP Semiconductors IMX7DCEC Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
142
Table 102 shows an alpha-sorted list of functional contact assignments for the 19 x 19 mm package.
VDD_USB_H_1P2
H12
Supply input for the USB HSIC Interface
VDD_USB_OTG1_1P0_CAP H10
Secondary supply for USB OTG (internal
regulator output). Requires external capacitors
VDD_USB_OTG2_1P0_CAP J11
Secondary supply for USB OTG (internal
regulator output). Requires external capacitors
VDD_XTAL_1P8
V05
VDDA_1P0_CAP
V03
Secondary supply for 1P0 (internal regulator
output). Requires external capacitors
VDDA_1P8_IN
V06,W05
VDDA_ADC1_1P8
AC03
Supply for ADC
VDDA_PHY_1P8
Y09
VDDD_1P0_CAP
AA09
Secondary supply for 1P0 (internal regulator
output). Requires external capacitors
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU
AD01
ADC1_IN0
ADC1_VDDA_1P8
ADC1_IN0
AD03
ADC1_IN1
ADC1_VDDA_1P8
ADC1_IN1
AE02
ADC1_IN2
ADC1_VDDA_1P8
ADC1_IN2
AE03
ADC1_IN3
ADC1_VDDA_1P8
ADC1_IN3
AC01
ADC2_IN0
ADC2_VDDA_1P8
ADC2_IN0
AC02
ADC2_IN1
ADC2_VDDA_1P8
ADC2_IN1
AB01
ADC2_IN2
ADC2_VDDA_1P8
ADC2_IN2
AB02
ADC2_IN3
ADC2_VDDA_1P8
ADC2_IN3
P04
BOOT_MODE0
NVCC_GPIO1
GPIO
ALT0
BOOT_MODE0
100K PD
P05
BOOT_MODE1
NVCC_GPIO1
GPIO
ALT0
BOOT_MODE1
100K PD
Y01
CCM_CLK1_N
VDDA_1P8
CCM_CLK1_N
Y02
CCM_CLK1_P
VDDA_1P8
CCM_CLK1_P
W03
CCM_CLK2
VDDA_1P8
CCM_CLK2
AC07
CCM_PMIC_STBY_REQ
VDD_SNVS_IN
CCM_PMIC_STBY_REQ
AB19
DRAM_ADDR00
NVCC_DRAM
DDR
DRAM_ADDR00
AB16
DRAM_ADDR01
NVCC_DRAM
DDR
DRAM_ADDR01
Table 101. i.MX 7Dual 19 x 19 mm supplies contact assignments(continued)
Rail
Pins
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com