Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 145 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 141Page - NXP Semiconductors IMX7DCEC Datasheet HTML 142Page - NXP Semiconductors IMX7DCEC Datasheet HTML 143Page - NXP Semiconductors IMX7DCEC Datasheet HTML 144Page - NXP Semiconductors IMX7DCEC Datasheet HTML 145Page - NXP Semiconductors IMX7DCEC Datasheet HTML 146Page - NXP Semiconductors IMX7DCEC Datasheet HTML 147Page - NXP Semiconductors IMX7DCEC Datasheet HTML 148Page - NXP Semiconductors IMX7DCEC Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
145
AD21
DRAM_SDQS0_N
NVCC_DRAM
DDRCLK
DRAM_SDQS0_N
AE21
DRAM_SDQS0_P
NVCC_DRAM
DDRCLK
DRAM_SDQS0_P
AE15
DRAM_SDQS1_N
NVCC_DRAM
DDRCLK
DRAM_SDQS1_N
AD15
DRAM_SDQS1_P
NVCC_DRAM
DDRCLK
DRAM_SDQS1_P
Y25
DRAM_SDQS2_N
NVCC_DRAM
DDRCLK
DRAM_SDQS2_N
Y24
DRAM_SDQS2_P
NVCC_DRAM
DDRCLK
DRAM_SDQS2_P
T25
DRAM_SDQS3_N
NVCC_DRAM
DDRCLK
DRAM_SDQS3_N
T24
DRAM_SDQS3_P
NVCC_DRAM
DDRCLK
DRAM_SDQS3_P
AB14
DRAM_SDWE_B
NVCC_DRAM
DDR
DRAM_SDWE_B
H04
ECSPI1_MISO
NVCC_SPI
GPIO
ALT5
GPIO4_IO[18]
100K PD
G05
ECSPI1_MOSI
NVCC_SPI
GPIO
ALT5
GPIO4_IO[17]
100K PD
H03
ECSPI1_SCLK
NVCC_SPI
GPIO
ALT5
GPIO4_IO[16]
100K PD
H05
ECSPI1_SS0
NVCC_SPI
GPIO
ALT5
GPIO4_IO[19]
100K PD
H06
ECSPI2_MISO
NVCC_SPI
GPIO
ALT5
GPIO4_IO[22]
100K PD
G06
ECSPI2_MOSI
NVCC_SPI
GPIO
ALT5
GPIO4_IO[21]
100K PD
J05
ECSPI2_SCLK
NVCC_SPI
GPIO
ALT5
GPIO4_IO[20]
100K PD
J06
ECSPI2_SS0
NVCC_SPI
GPIO
ALT5
GPIO4_IO[23]
100K PD
D19
ENET1_COL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[15]
100K PD
E19
ENET1_CRS
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[14]
100K PD
E14
ENET1_RD0
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[0]
100K PD
F14
ENET1_RD1
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[1]
100K PD
D13
ENET1_RD2
NVCC_ENET1
GPIO
ALT5
GPIO_IO[2]
100K PD
E13
ENET1_RD3
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[3]
100K PD
D15
ENET1_RX_CLK
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[13]
100K PD
E15
ENET1_RX_CTL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[4]
100K PD
F15
ENET1_RXC
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[5]
100K PD
F17
ENET1_TD0
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[6]
100K PD
E17
ENET1_TD1
NVCC_ENET1
GPIO
ALT5
GPIO_IO[7]
100K PD
E18
ENET1_TD2
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[8]
100K PD
D18
ENET1_TD3
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[9]
100K PD
D16
ENET1_TX_CLK
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[12]
100K PD
E16
ENET1_TX_CTL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[10]
100K PD
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com