Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 149 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 145Page - NXP Semiconductors IMX7DCEC Datasheet HTML 146Page - NXP Semiconductors IMX7DCEC Datasheet HTML 147Page - NXP Semiconductors IMX7DCEC Datasheet HTML 148Page - NXP Semiconductors IMX7DCEC Datasheet HTML 149Page - NXP Semiconductors IMX7DCEC Datasheet HTML 150Page - NXP Semiconductors IMX7DCEC Datasheet HTML 151Page - NXP Semiconductors IMX7DCEC Datasheet HTML 152Page - NXP Semiconductors IMX7DCEC Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
149
A14
MIPI_CSI_D1_N
MIPI_VDDA_1P8
MIPI_CSI_D1_N
B14
MIPI_CSI_D1_P
MIPI_VDDA_1P8
MIPI_CSI_D1_P
A19
MIPI_DSI_CLK_N
MIPI_VDDA_1P8
MIPI_DSI_CLK_N
B19
MIPI_DSI_CLK_P
MIPI_VDDA_1P8
MIPI_DSI_CLK_P
A20
MIPI_DSI_D0_N
MIPI_VDDA_1P8
MIPI_DSI_D0_N
B20
MIPI_DSI_D0_P
MIPI_VDDA_1P8
MIPI_DSI_D0_P
A18
MIPI_DSI_D1_N
MIPI_VDDA_1P8
MIPI_DSI_D1_N
B18
MIPI_DSI_D1_P
MIPI_VDDA_1P8
MIPI_DSI_D1_P
J13
MIPI_VDDA_1P8
MIPI_VDDA_1P8
MIPI_VDDA_1P8
J15
MIPI_VDDD_1P0
MIPI_VDDD_1P0
MIPI_VDDD_1P0
J17
MIPI_VDDD_1P0
MIPI_VDDD_1P0
MIPI_VDDD_1P0
AC08
ONOFF
VDD_SNVS_IN
ONOFF
AE10
PCIE_REFCLKIN_N
PCIE_VPH
PCIE_REFCLKIN_N
AD10
PCIE_REFCLKIN_P
PCIE_VPH
PCIE_REFCLKIN_P
AC10
PCIE_REFCLKOUT_N
PCIE_VPH
PCIE_REFCLKOUT_N
AB10
PCIE_REFCLKOUT_P
PCIE_VPH
PCIE_REFCLKOUT_P
AA13
PCIE_REXT
PCIE_VPH
PCIE_REXT
AE11
PCIE_RX_N
PCIE_VPH_RX
PCIE_RX_N
AD11
PCIE_RX_P
PCIE_VPH_RX
PCIE_RX_P
AC11
PCIE_TX_N
PCIE_VPH_TX
PCIE_TX_N
AB11
PCIE_TX_P
PCIE_VPH_TX
PCIE_TX_P
AA10
PCIE_VP
PCIE_VP
PCIE_VP
AA12
PCIE_VP_RX
PCIE_VP_RX
PCIE_VP_RX
AA11
PCIE_VP_TX
PCIE_VP_TX
PCIE_VP_TX
Y10
PCIE_VPH
PCIE_VPH
PCIE_VPH
Y12
PCIE_VPH_RX
PCIE_VPH_RX
PCIE_VPH_RX
Y11
PCIE_VPH_TX
PCIE_VPH_TX
PCIE_VPH_TX
R06
POR_B
NVCC_GPIO1
GPIO
ALT0
POR_B
100K PU
AE06
RTC_XTALI
VDD_SNVS_1P8_CAP
RTC_XTALI
AD06
RTC_XTALO
VDD_SNVS_1P8_CAP
RTC_XTALO
E10
SAI1_MCLK
NVCC_SAI
GPIO
ALT5
GPIO6_IO[18]
100K PD
D12
SAI1_RXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[17]
100K PD
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com