Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 151 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 147Page - NXP Semiconductors IMX7DCEC Datasheet HTML 148Page - NXP Semiconductors IMX7DCEC Datasheet HTML 149Page - NXP Semiconductors IMX7DCEC Datasheet HTML 150Page - NXP Semiconductors IMX7DCEC Datasheet HTML 151Page - NXP Semiconductors IMX7DCEC Datasheet HTML 152Page - NXP Semiconductors IMX7DCEC Datasheet HTML 153Page - NXP Semiconductors IMX7DCEC Datasheet HTML 154Page - NXP Semiconductors IMX7DCEC Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
151
F01
SD3_DATA3
NVCC_SD3
GPIO
ALT5
GPIO6_IO[5]
100K PD
F02
SD3_DATA4
NVCC_SD3
GPIO
ALT5
GPIO6_IO[6]
100K PD
E02
SD3_DATA5
NVCC_SD3
GPIO
ALT5
GPIO6_IO[7]
100K PD
C02
SD3_DATA6
NVCC_SD3
GPIO
ALT5
GPIO6_IO[8]
100K PD
B01
SD3_DATA7
NVCC_SD3
GPIO
ALT5
GPIO6_IO[9]
100K PD
G01
SD3_RESET_B
NVCC_SD3
GPIO
ALT5
GPIO6_IO[11]
100K PD
J01
SD3_STROBE
NVCC_SD3
GPIO
ALT5
GPIO6_IO[10]
100K PD
AB08
SNVS_PMIC_ON_REQ
VDD_SNVS_IN
SNVS_PMIC_ON_REQ
AA07
SNVS_TAMPER0
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER0
Y08
SNVS_TAMPER1
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER1
AB06
SNVS_TAMPER2
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER2
Y07
SNVS_TAMPER3
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER3
AA05
SNVS_TAMPER4
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER4
Y05
SNVS_TAMPER5
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER5
AA04
SNVS_TAMPER6
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER6
Y04
SNVS_TAMPER7
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER7
AA03
SNVS_TAMPER8
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER8
Y03
SNVS_TAMPER9
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER9
AE04
TEMPSENSOR_REXT
VDD_TEMPSENSOR_1P8
TEMPSENSOR_REXT
AD04 TEMPSENSOR_RESERVE VDD_TEMPSENSOR_1P8
TEMPSENSOR_RESERVE
P06
TEST_MODE
NVCC_GPIO1
GPIO
ALT0
TEST_MODE
100K PD
L03
UART1_RXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[0]
100K PD
L04
UART1_TXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[1]
100K PD
L05
UART2_RXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[2]
100K PD
L06
UART2_TXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[3]
100K PD
M06
UART3_CTS
NVCC_UART
GPIO
ALT5
GPIO4_IO[7]
100K PD
M05
UART3_RTS
NVCC_UART
GPIO
ALT5
GPIO4_IO[6]
100K PD
M01
UART3_RXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[4]
100K PD
M02
UART3_TXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[5]
100K PD
A12
USB_H_DATA
USB_H_VDD_1P2
USB_H_DATA
B12
USB_H_STROBE
USB_H_VDD_1P2
USB_H_STROBE
C07
USB_OTG1_CHD_B
USB_OTG1_VDDA_3P3
USB_OTG1_CHD_B
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com