Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 152 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 148Page - NXP Semiconductors IMX7DCEC Datasheet HTML 149Page - NXP Semiconductors IMX7DCEC Datasheet HTML 150Page - NXP Semiconductors IMX7DCEC Datasheet HTML 151Page - NXP Semiconductors IMX7DCEC Datasheet HTML 152Page - NXP Semiconductors IMX7DCEC Datasheet HTML 153Page - NXP Semiconductors IMX7DCEC Datasheet HTML 154Page - NXP Semiconductors IMX7DCEC Datasheet HTML 155Page - NXP Semiconductors IMX7DCEC Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
152
6.2.3
Case “Y”, i.MX 7Dual 19  19 mm 0.75 mm pitch ball map
The following table shows the i.MX 7Dual 19  19 mm, 0.75 mm pitch ball map.
A08
USB_OTG1_DN
USB_OTG1_VDDA_3P3
USB_OTG1_DN
B08
USB_OTG1_DP
USB_OTG1_VDDA_3P3
USB_OTG1_DP
B07
USB_OTG1_ID
USB_OTG1_VDDA_3P3
USB_OTG1_ID
A07
USB_OTG1_REXT
USB_OTG1_VDDA_3P3
USB_OTG1_REXT
A10
USB_OTG2_DN
USB_OTG2_VDDA_3P3
USB_OTG2_DN
B10
USB_OTG2_DP
USB_OTG2_VDDA_3P3
USB_OTG2_DP
B11
USB_OTG2_ID
USB_OTG2_VDDA_3P3
USB_OTG2_ID
A11
USB_OTG2_REXT
USB_OTG2_VDDA_3P3
USB_OTG2_REXT
V01
XTALI
VDDA_1P8
XTALI
V02
XTALO
VDDA_1P8
XTALO
1 The state immediately after RESET and before ROM firmware or software has executed.
Table 103. i.MX 7Dual 19  19 mm 0.75 mm pitch ball map
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
A
A
B
B
C
C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com