Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP188 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 27/46
Single Cell Li-Battery -and Power System Management IC
AXP188
个限流电阻来直接驱动一个发光二极管来显示这四种状态。其在各状态下的表现如下表所示:
状态
表现
注释
正在充电
低电平
不在充电
高阻
电池异常
25% duty 1Hz 跳变
充电器进入电池激活模式,或者电池温度过高、过低
过压
25% duty 4Hz 跳变
DCIN 输入电压过高
电池
电池
电池
电池温度检测
温度检测
温度检测
温度检测
在充电过程中,AXP188 可以通过在 TS 管脚外接一个温敏电阻来监视电池的温度。电路示
意如下图:
在上图中,VTH=0.76*VAPS,VTL=0.35*VAPS,VTE=0.016*VAPS。建议温敏电阻选用
150Kohm 的 NTC 温敏电阻,RNORM 选用 150Kohm 精度 1%的电阻。
当充电器发现电池的温度太高或者太低,充电过程将被暂停,同时发出 IRQ5、IRQ6;待温
度恢复至正常范围,又自动开始重新充电。
如果电池没有温敏电阻,可以把 TS 管脚接到地,此时 AXP188 自动禁止电池温度监测功能。
电池检测
电池检测
电池检测
电池检测
AXP188 直接通过 BAT 管脚即可检测电池是否存在,
并在寄存器中标识和发出 IRQ13、IRQ14
(参见“寄存器 1”)。
电池检测功能可由 Host 控制打开或者关闭(参见“寄存器 3”)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com