Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP188 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 10/46
Single Cell Li-Battery -and Power System Management IC
AXP188
6.典型特性(Typical Characteristics)
DC-DC1
3.3V
Efficiency
vs.
Load
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10
100
1000
mA
5Vin
3.7Vin
DC-DC2
1.2V
Efficiency
vs.
Load
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10
100
1000
mA
5Vin
3.7Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com