Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 57 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 57 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 53Page - OSRAM GmbH TMG3992 Datasheet HTML 54Page - OSRAM GmbH TMG3992 Datasheet HTML 55Page - OSRAM GmbH TMG3992 Datasheet HTML 56Page - OSRAM GmbH TMG3992 Datasheet HTML 57Page - OSRAM GmbH TMG3992 Datasheet HTML 58Page - OSRAM GmbH TMG3992 Datasheet HTML 59Page - OSRAM GmbH TMG3992 Datasheet HTML 60Page - OSRAM GmbH TMG3992 Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register Two (CONFIG2 0x90)
The Configuration Register Two independently enables or
disables the saturation interrupts for Proximity and Clear
channel. Saturation Interrupts are cleared by accessing the
Clear Interrupt registers at 0xE5, 0xE6 and 0xE7. The LEDBOOST
bits allow the LDR pin to sink more current above the maximum
setting by LDRIVE and GLDRIVE.
Figure 55:
Configuration Register Two
Note(s):
1. A LEDBOOST value of 00 results in 100% of the current as set by LDRIVE (i.e. No additional current).
765
432
1
0
PSIEN
CPSIEN
LEDBOOST
Reserved
Reserved
Reserved
Reserved
Field
Bits
Description
PSIEN
7
Proximity Saturation Interrupt Enable.
0 = Proximity saturation interrupt disabled
1 = Proximity saturation Interrupt enabled
CPSIEN
6
Clear Photodiode Saturation Interrupt Enable.
0 = ALS saturation interrupt disabled
1 = ALS saturation interrupt enabled
LEDBOOST
5:4
LED Boost. Provides additional LDR current during LED pulses. Current
value, set by LDRIVE, is increased by the percentage of LEDBOOST.
FIELD VALUE
LED ON
00
100%
01
150%
10
200%
11
300%
Reserved
3
Reserved. Bit must be set to 0.
Reserved
2
Reserved. Bit must be set to 0.
Reserved
1
Reserved. Bit must be set to 0.
Reserved
0
Reserved. Bit must be set to 1 and is set high by default during POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com