Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 43Page - OSRAM GmbH TMG3992 Datasheet HTML 44Page - OSRAM GmbH TMG3992 Datasheet HTML 45Page - OSRAM GmbH TMG3992 Datasheet HTML 46Page - OSRAM GmbH TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
RAM Registers (0x00 - 0x7F)
Pattern RAM
Integrated RAM provides 128 bytes of bit-pattern data storage
which defines the activation state of the LDR pin (LED ON/OFF)
during burst event. After the device receives a “start burst com-
mand”, each bit of RAM sets the state of the LDR pin for a time
period defined by the timing register values. Bits are burst out
of the LDR pin MSB first starting at address 0x00.
RAM can be accessed (read or write) a byte at a time or in pages
of any length. RAM cannot be accessed while PON=0 or if a
pattern is actively transmitting. RAM content is persistent as
long as VDD is present on the device.
The RAM is also used for gesture FIFO storage. As a result, when
the gesture engine becomes enabled the pattern RAM will be
overwritten.
Figure 45:
RAM Registers
765
432
1
0
NIBBLE0
NIBBLE1
Field
Bits
Description
NIBBLE0
7:4
First 4-bits of bit-pattern generated. Burst bit 7 to bit 4.
NIBBLE1
3:0
Second 4-bits of bit-pattern generated. Burst bit 3 to bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com