Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 55 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 55 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH TMG3992 Datasheet HTML 53Page - OSRAM GmbH TMG3992 Datasheet HTML 54Page - OSRAM GmbH TMG3992 Datasheet HTML 55Page - OSRAM GmbH TMG3992 Datasheet HTML 56Page - OSRAM GmbH TMG3992 Datasheet HTML 57Page - OSRAM GmbH TMG3992 Datasheet HTML 58Page - OSRAM GmbH TMG3992 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Proximity Pulse Count and Length Register
(PPULSE 0x8E)
The Proximity Pulse Count Register sets Pulse Width modified
current during a Proximity Pulse. The proximity pulse count
register bits set the number of pulses to be output on the LDR
pin. The Proximity Length register bits set the amount of time
the LDR pin is sinking current during a proximity pulse.
Figure 53:
Proximity Pulse Count and Length Register
Note(s):
1. The time described by PPLEN is the actual signal integration time. The LED will be activated slightly longer (typically 1.36 μs) than
the integration time.
765
432
1
0
PPLEN
PPULSE
Field
Bits
Description
PPLEN
7:6
Proximity Pulse Length. Sets the LED-ON pulse width during a Proximity
LDR Pulse.
FIELD VALUE
LED ON
00
4μs
01
8μs
10
16μs
11
32μs
PPULSE
5:0
Proximity Pulse Count. Specifies the number of Proximity pulses to be
generated on LDR. Number of pulses is set by PPULSE value plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com