Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 65 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 65 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 61Page - OSRAM GmbH TMG3992 Datasheet HTML 62Page - OSRAM GmbH TMG3992 Datasheet HTML 63Page - OSRAM GmbH TMG3992 Datasheet HTML 64Page - OSRAM GmbH TMG3992 Datasheet HTML 65Page - OSRAM GmbH TMG3992 Datasheet HTML 66Page - OSRAM GmbH TMG3992 Datasheet HTML 67Page - OSRAM GmbH TMG3992 Datasheet HTML 68Page - OSRAM GmbH TMG3992 Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Page 64
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register A1 (CONFIG_A1),
IRBeam Mode
While in IRBeam mode, this register must be reset to 0x00. The
value of this register will be overwritten during Gesture
operation.
Figure 65:
Configuration Register A1
Note(s):
1. CONFIG_A1 must be set to 0x00 during IRBeam operation
Configuration Register A2 (CONFIG_A2),
IRBeam Mode
While IRBeam is enabled, this register defines the number of
times a complete Symbol is burst out of the LDR pin. A Symbol
can be conceptualized as a “container” a single IRBeam data
transmission.
The following equation describes the calculation of the Number
of Symbol Loops:
Number of Symbol Loops = INSL + 1
Figure 66:
Configuration Register A2
765
432
1
0
CONFIG_A1
Register
Address
Bits
Description
CONFIG_A1
0xA1
7:0
Must be reset to 0x00
765
432
1
0
ISNL
Field
Bits
Description
ISNL
7:0
IRBeam Number of Symbol Loops. Number of Loops.
(EQ5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com