Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 70 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 70 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 66Page - OSRAM GmbH TMG3992 Datasheet HTML 67Page - OSRAM GmbH TMG3992 Datasheet HTML 68Page - OSRAM GmbH TMG3992 Datasheet HTML 69Page - OSRAM GmbH TMG3992 Datasheet HTML 70Page - OSRAM GmbH TMG3992 Datasheet HTML 71Page - OSRAM GmbH TMG3992 Datasheet HTML 72Page - OSRAM GmbH TMG3992 Datasheet HTML 73Page - OSRAM GmbH TMG3992 Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
ams Datasheet
Page 69
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register A2 (CONFIG_A2),
Gesture Mode
This register contains settings that govern gesture detector
masking, FIFO interrupt generation, and gesture exit
persistence filter.
Figure 75:
Configuration Register A2
765
432
1
0
GFIFIOTH
GEXMSK
GEXPERS
Field
Bits
Description
GFIFOTH
7:6
Gesture FIFO Threshold. This value is compared with the FIFO Level (i.e. the
number of NSWE datasets) to generate an interrupt (if enabled).
Field Value
THRESHOLD
00
Interrupt is generated after 1 dataset is added to
FIFO
01
Interrupt is generated after 4 dataset is added to
FIFO
10
Interrupt is generated after 8 dataset is added to
FIFO
11
Interrupt is generated after 16 dataset is added
to FIFO
GEXMSK
5:2
Gesture Exit Mask. Controls which of the gesture detector photodiodes
(NSWE) will be included to determine a “gesture end” and subsequent exit of
the gesture state machine. Unmasked NSWE data will be compared with the
value in GEXTH. Field value bits correspond to NSWE detectors.
Field Value
EXIT MASK
0000
All NSWE detector data will be included in sum.
0001
E detector data will not be included in sum.
0010
W detector data will not be included in sum.
0100
S detector data will not be included in sum.
1000
N detector data will not be included in sum.
0101
….
0110
W & S detector data will not be included in the
sum.
1111
….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com