Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3992 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 23Page - OSRAM GmbH TMG3992 Datasheet HTML 24Page - OSRAM GmbH TMG3992 Datasheet HTML 25Page - OSRAM GmbH TMG3992 Datasheet HTML 26Page - OSRAM GmbH TMG3992 Datasheet HTML 27Page - OSRAM GmbH TMG3992 Datasheet HTML 28Page - OSRAM GmbH TMG3992 Datasheet HTML 29Page - OSRAM GmbH TMG3992 Datasheet HTML 30Page - OSRAM GmbH TMG3992 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
tPROX RESULT = tINIT + tCNVT + PPULSE x tACC
tTOTAL LED ON = PPULSE x tLED ON
tTOTAL LED OFF = tPROX RESULT – tTOTAL LED ON
An Interrupt can be generated with each new proximity result
or whenever proximity results exceed or fall below levels set in
the PITHL and/or PITHH threshold registers. To prevent prema-
ture/false interrupts an interrupt persistence filter is also in-
cluded; interrupts will only be asserted if the consecutive num-
ber of out-of-threshold results is equal or greater than the value
set by PPERS. Each “in-threshold” proximity result, PDATA, will
reset the persistence count. If the analog circuitry becomes sat-
urated, the PGSAT bit will be asserted to indicate PDATA results
may not be accurate. The PINT and PGSAT bits are always avail-
able for I2C polling, but PIEN bit must be set for PINT to assert
a hardware interrupt on the INT pin. Similarly, saturation of the
analog data converter can be detected by polling PGSAT bit; to
enable this feature the PSIEN bit must be set. PVALID is cleared
by reading PDATA. PGSAT and PINT are cleared PICLEAR or
AICLEAR.
Color and Ambient Light Sense Operation
The Color and Ambient Light Sense detection functionality uses
an array of color and IR filtered photodiodes to measure red,
green, and blue content of light, as well as the non-color filtered
clear channel. The following registers and control bits govern
Color/ALS operation and the operational flow is depicted in
Figure 33.
(EQ1)
(EQ2)
(EQ3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com