Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
MCU FLASH PROGRAMMING CONFIGURATION
To allow for new software to be loaded into a SBC’s MCU
NVM or to standalone EEPROM or Flash, the 33742 is
capable of having (1) VSUP applied to it to from an external
power 5.0 V supply and (2) having the RST and the WDOG
outputs pins eternally forced to 0.0 V or 5.0 V without
damaging the device.
This allows the SBC to be externally powered and off-
board signals to be applied to the reset pins. No functions of
the 33742 are operating. Figure 18 illustrates a typical
configuration for the connection of programming and
debugging tools.
The VSUP should be left open or forced to a value equal
to or above V.
The VDD regulator uses an internal pass transistor
between VSUP and the VDD output pin. Biasing the VDD
output pin with a voltage greater than VDD potential will force
current through the body diode of the internal pass transistor
to the VSUP pin.
The RST pin is periodically pulled LOW for the tRSTDUR
time (device in Reset mode), before being pulled to VDD for
350 ms typical (device in Normal Request mode). During the
time reset is LOW, the RST pin sinks 5.0 mA maximum
(IPDW).
Figure 18. Simplified Schematic for Microcontroller Flash Programming
33742
MCU with
VDD
RST
WDOG
VSUP (Open or > 5.0 V
Programming Bus
Note External supply and sources applied to VDD, RST, and WDOG test points on application circuit board.
5.0 V
Programming Tool
Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com