Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
TRACKING VOLTAGE REGULATOR (V2) (20)
V2 Output Voltage (Capacitance = 10
µF Tantalum at V2)
2.0 mA
≤ IV2 ≤ 200 mA, 5.5 V < VSUP < 27 V
V2
0.99
1.0
1.01
VDD
IV2 Output Current (for Information Only)
Depending on External Ballast Transistor
IV2
200
—
—
mA
V2 Control Drive Current Capability (21)
Worst Case at TJ = 125°C
IV2CTRL
0.0
—
10
mA
V2LOW Flag Threshold
V2LTH
3.75
4.0
4.25
V
LOGIC OUTPUT PIN (MISO) (22)
Low-Level Output Voltage
IOUT = 1.5 mA
VOL
0.0
—
1.0
V
High-Level Output Voltage
IOUT = -250 µA
VOH
VDD- 0.9
—
VDD
V
Tri-Stated MISO Leakage Current
0 V < VMISO < VDD
IHZ
-2.0
—
2.0
µA
Notes
20.
V2 specification with external capacitor. Stability requirement: capacitance > 42
µF and ESR < 1.3 Ω (tantalum capacitor), external
resistor between base and emitter required. Measurement conditions: ballast transistor MJD32C, capacitance > 10
µF tantalum, 2.2 kΩ
resistor between base and emitter of ballast transistor.
21.
The guaranteed V2CTRL current capability is 10 mA. No active current limiting is used so the actual available current may be higher.
22.
Push-pull structure with tri-state condition (CS HIGH).
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com