Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
HIGH-SPEED CAN TRANSCEIVER MODES
The MODE bit (D0) controls the state of the CAN interface, TXRX or Sleep mode (Table 22). SC0 bit (D1) defines the slew
rate when the CAN module is in TXRX, and it controls the wake-up option (wake-up enable or disable) when the CAN module is
in Sleep mode.
INPUT/OUTPUT REGISTER (IOR)
Tables 24 through 26 contain the Input/Output Register information. Table 25 provides information about information HS control
in Normal and Standby modes, while Table 26 provides status bit information.
Table 22. CAN High-Speed Transceiver Modes
SC1
SC0
MODE
CAN Mode
(Pass 1.1)
0
0
0
CAN TXRX, Slew Rate 0
0
1
0
CAN TXRX, Slew Rate 1
1
0
0
CAN TXRX, Slew Rate 2
1
1
0
CAN TXRX, Slew Rate 3
x
1
1
CAN Sleep and CAN Wake-Up Disable
x
0
1
CAN Sleep and CAN Wake-Up Enable
x = Don’t care.
Table 23. CAN Register Status Bits
Name
Logic
Description
CANWU
0
No CAN wake-up occurred.
1
CAN wake-up occurred.
CAN-F
0
No CAN failure.
1
CAN failure (55).
CAN-UF
0
Identified CAN failure (55).
1
Non-identified CAN failure.
THERM-CUR
0
No overtemperature or overcurrent on CANH or CANL drivers.
1
Overtemperature or overcurrent on CANH or CANL drivers.
Notes
55.
Error bits are latched in the CAN register.
Table 24. Input/Output Register
IOR
R/W
D3
D2
D1
D0
$011b
W
–
HSON
–
–
R
V2LOW
HSOT
VSUPLOW
DEBUG
Reset Value
–
–
0
–
–
Reset Condition
(Write) (56)
–
–
POR
–
–
Notes
56.
See Table 13, page 42, for definitions of reset conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com