Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
55
33742
TYPICAL APPLICATIONS
POWER-UP AND VDD GOING LOW WITH SLEEP MODE AS DEFAULT LOW POWER MODE IS SELECTED
The first part of Figure 35 is identical to Figure 34. If VDD is pulled below the VDD under voltage reset (typ 4.6V), say by an
overcurrent or short circuit (for instance, short to 4.0 V), and if the low power mode previously selected was Sleep mode and if
the BATFAIL flag has been cleared, the 33742 enters in Reset mode for a time period of 100 ms. The WDOG pin stays HIGH,
but the high level (Voh) follows VDD level. The RST and INT pins are low. After 100 ms the 33742 goes into Sleep mode, and
the VDD and V2 are off.
Figure 35 shows an example wherein VDD is shorted to 4.0 V, and after 100 ms the 33742 enters Sleep mode.
.
Figure 35. Undervoltage at VDD. Sleep mode selected.
Figure 36. CAN Bus Standard Termination
Figure 37. CAN Bus Split Termination
SBC in Reset mode for
100ms, then enter
Sleep mode
SBC in Sleep mode
100 ms
SBC in Normal request
& reset modes
SBC in Normal
mode
Reset each 350 ms
VDD
SBC in
RESET
mode
Watchdog refresh
Under voltage at VDD
SPI (CS)
INT
WD
RST
SBC in Reset mode for
100ms, then enter
Sleep mode
SBC in Sleep mode
100 ms
SBC in Normal request
& reset modes
SBC in Normal
mode
Reset each 350 ms
VDD
SBC in
RESET
mode
Watchdog refresh
Under voltage at VDD
SPI (CS)
INT
WD
RST
R5
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
CANL
CANH
Legend
R5: 60
Ω
CL, CH: 220 pF
R6
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
R7
CS
CANH
CANL
Legend
R6, R7: 30
Ω
CL, CH: 220 pF
CS: > 470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com