Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIAGNOSTIC INFORMATION (CANH AND CANL)
CANL to GND Threshold
VLG
—
1.75
—
V
CANH to GND Threshold
VHG
—
1.75
—
V
CANL to VSUP Threshold
VLVB
—
VSUP - 2.0
—
V
CANH to VSUP Threshold
VHVB
—
VSUP - 2.0
—
V
CANL to VDD Threshold
VL5
—
VDD- 0.43
—
V
CANH to VDD Threshold
VH5
—
VDD - 0.43
—
V
RXD Weak Pull-down Current Source (27)
RXD Permanent Dominant Failure Condition
IRXDW
—
100
—
µA
PINS (TXD AND RXD)
TXD Input High Voltage
VIH
0.7 VDD
—
VDD + 0.4
V
TXD Input Low Voltage
VIL
-0.4
—
0.3 VDD
V
TXD High-Level Input Current
VTXD = V2
IIH
-10
—
10
µA
TXD Low-Level Input Current
VTXD = 0 V
IIL
-150
-100
-50
µA
RXD Output High Voltage
IRXD = 250 µA
VOH
VDD - 1.0
—
—
V
RXD Output Low Voltage
IRXD = 1.0 mA
VOL
—
—
0.5
V
Notes
27.
Guaranteed by design; it is not production tested.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com