Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 23 illustrates how the wake-up signal is generated.
First the CAN signal is detected by a low consumption
receiver (WU receiver). Then the signal passes through a
pulse width filter, which discards the undesired pulses. The
pulse must have a width bigger than 0.5
µs and smaller than
500
µs to be accepted. When a pulse is discarded, the pulse
counter is reset and no wake-up signal is generated. When a
pulse is accepted, the pulse counter is incremented and, after
three pulses, the internal wake-up signal is asserted.
Each one of the pulses must be spaced by no more than
500
µs. If not, the counter will be reset and no wake-up signal
will be generated. This is accomplished by the wake-up
timeout generator. The wake-up cycle is completed (and the
wake-up flag reset) when the CAN interface is brought to
CAN Normal mode.
Figure 23. Wake-Up Functional Block Diagram
CAN WAKE-UP REPORT
The CAN wake-up reporting depend upon the low power
mode the SBC is in.
If the SBC is placed into Sleep mode (VDD and V2 off), the
CAN wake-up or any wake-up results in the VDD regulator
turning on, leading to turning on the MCU supply and
releasing reset. If the 33742 is in Stop mode (V2 off and VDD
active), the CAN wake-up or any wake-up is signalled by a
pulse on the INT output. In addition the CANWU bit is set in
the CAN register.
If the SBC is in Normal or Standby mode and the CAN
interface is in Sleep mode with wake-up enabled, the CAN
wake-up is reported by the CANWU bit in the CAN register.
In the event the SBC is in Normal mode and CAN Sleep
mode with wake-up enabled, it is recommended that the user
check for the CANWU bit prior to placing the 33742 in Sleep
or Stop mode in case bus traffic has occurred while the CAN
interface was in Sleep mode.
After a CAN wake-up, a flag is set in the CAN register. Bit
CANWU reports the CAN wake-up event while the 33742
was in Sleep or Stop mode. This bit is set until the CAN is in
placed by SPI command into TXRX mode and the CAN
register can be read.
CAN BUS DIAGNOSTIC
The SBC can diagnose CANH or CANL lines short to
GND, shorts to VSUP or VDD.
As illustrated in Figure 24, several single-ended
comparators are implemented on the CANH and CANL bus
lines. These comparators monitor the bus voltage level in the
recessive and dominant states. This information is then
managed by a logic circuit to determine if a failure has
occurred and to report it. Table 11 indicates the state of the
comparators in the event of bus failure and the state of the
drivers; that is, whether they are recessive or dominant.
+
Internal Wake-Up
Latch
RST
Time-out
RST
Counter
Pulse OK
Narrow
Pulse
Pulse Width
Filter
Time-out
Generator
Standby
WU Receiver
CANH
CANL
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com