Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313E Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
10
Freescale Semiconductor
Electrical Characteristics
Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8313E for the 3.3-V
signals, respectively.
Figure 3. Maximum AC Waveforms on PCI Interface for 3.3-V Signaling
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
The MPC8313E does not require the core supply voltage and IO supply voltages to be applied in any
particular order. Note that during the power ramp-up, before the power supplies are stable, there might be
a period when IO pins are actively driven. After the power is stable, as long as PORESET is asserted, most
IO pins are tri-stated. In order to minimize the time that IO pins are being actively driven, it is
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Local bus interface utilities signals
42
NVDD = 3.3 V
PCI signals
25
DDR signal
18
GVDD = 2.5 V
DDR2 signal
18
GVDD = 1.8 V
DUART, system control, I2C, JTAG,SPI
42
NVDD = 3.3 V
GPIO signals
42
NVDD = 3.3 V
eTSEC signals
42
LVDDA, LVDDB = 2.5/3.3 V
USB Signals
42
LVDDB = 2.5/3.3 V
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com