Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34 Datasheet(PDF) 98 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 98 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation XRT86VL34 Datasheet HTML 96Page - Exar Corporation XRT86VL34 Datasheet HTML 97Page - Exar Corporation XRT86VL34 Datasheet HTML 98Page - Exar Corporation XRT86VL34 Datasheet HTML 99Page - Exar Corporation XRT86VL34 Datasheet HTML 100Page - Exar Corporation XRT86VL34 Datasheet HTML 101Page - Exar Corporation XRT86VL34 Datasheet HTML 102Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 156 page
background image
XRT86VL34
93
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
2
Rx OOF
State
Change
RUR/
WC
0
Change in Receive Out of Frame Defect Condition Interrupt Status.
This Reset-Upon-Read bit field indicates whether or not the “Change in Receive
Out of Frame Defect Condition” interrupt has occurred since the last read of this
register.
Out of Frame defect condition is declared when “TOLR” out of “RANG” errors in
the framing bit pattern is detected. (Register 0xn10B)
If this interrupt is enabled, then the Receive T1 Framer block will generate an
interrupt in response to either one of the following conditions.
1. Whenever the Receive T1 Framer block declares the Out of Frame defect
condition.
2. Whenever the Receive T1 Framer block clears the Out of Frame defect
condition
0 = Indicates that the “Change in Receive Out of Frame defect condition” interrupt
has not occurred since the last read of this register
1 = Indicates that the “Change in Receive Out of Frame defect condition” interrupt
has occurred since the last read of this register
1
RxAIS State
Change
RUR/
WC
0
Change in Receive AIS Condition Interrupt Status.
This Reset-Upon-Read bit field indicates whether or not the “Change in Receive
AIS Condition” interrupt has occurred since the last read of this register.
If this interrupt is enabled, then the Receive T1 Framer block will generate an
interrupt in response to either one of the following conditions.
1. Whenever the Receive T1 Framer block declares the AIS condition.
2. Whenever the Receive T1 Framer block clears the AIS condition
0 = Indicates that the “Change in Receive AIS condition” interrupt has not
occurred since the last read of this register
1 = Indicates that the “Change in Receive AIS condition” interrupt has occurred
since the last read of this register
0
RxYEL State
Change
RUR/
WC
0
Change in Receive Yellow Alarm Interrupt Status.
This Reset-Upon-Read bit field indicates whether or not the “Change in Receive
Yellow Alarm Condition” interrupt has occurred since the last read of this register.
If this interrupt is enabled, then the Receive T1 Framer block will generate an
interrupt in response to either one of the following conditions.
1. Whenever the Receive T1 Framer block declares the Yellow Alarm
condition.
2. Whenever the Receive T1 Framer block clears the Yellow Alarm condition
0 = Indicates that the “Change in Receive Yellow Alarm condition” interrupt has
not occurred since the last read of this register
1 = Indicates that the “Change in Receive Yellow Alarm condition” interrupt has
occurred since the last read of this register
TABLE 80: ALARM & ERROR INTERRUPT STATUS REGISTER (AEISR)
HEX ADDRESS: 0XnB02
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com