Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34 Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 25Page - Exar Corporation XRT86VL34 Datasheet HTML 26Page - Exar Corporation XRT86VL34 Datasheet HTML 27Page - Exar Corporation XRT86VL34 Datasheet HTML 28Page - Exar Corporation XRT86VL34 Datasheet HTML 29Page - Exar Corporation XRT86VL34 Datasheet HTML 30Page - Exar Corporation XRT86VL34 Datasheet HTML 31Page - Exar Corporation XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 156 page
background image
XRT86VL34
24
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
1-0
TxDL[1:0]
R/W
00
Transmit Data Link Source Select [1:0]
These two bits specify the source for data link bits that will be
inserted in the outbound T1 frames. The table below shows the three
different sources from which data link bits can be inserted.
TABLE 9: TRANSMIT SIGNALING AND DATA LINK SELECT REGISTER (TSDLSR)
HEX ADDRESS:0Xn10A
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TXDL[1:0]
SOURCE FOR DATA LINK BITS
00
Transmit LAPD Controller #1 / SLC96 Buffer - The
Data Link bits are inserted from the Transmit LAPD
Controller #1 or SLC96 Buffer.
NOTE:
LAPD Controller #1 is the only LAPD
controller that can be used to transport
LAPD messages through the data link bits
01
TxSER_n input pin - The Data Link bits are
inserted from the transmit serial data input pin
(TxSER_n) pin.
10
TxOH_n input pin - The Data Link bits are inserted
from the transmit overhead input pin. (TxOH_n)
11
Data Link bits are forced to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com