Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34 Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 71Page - Exar Corporation XRT86VL34 Datasheet HTML 72Page - Exar Corporation XRT86VL34 Datasheet HTML 73Page - Exar Corporation XRT86VL34 Datasheet HTML 74Page - Exar Corporation XRT86VL34 Datasheet HTML 75Page - Exar Corporation XRT86VL34 Datasheet HTML 76Page - Exar Corporation XRT86VL34 Datasheet HTML 77Page - Exar Corporation XRT86VL34 Datasheet HTML 78Page - Exar Corporation XRT86VL34 Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
XRT86VL34
70
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 52: TRANSMIT SIGNALING CONTROL REGISTER 0-23 (TSCR 0-23)
HEX ADDRESS: 0Xn340 TO 0XN357
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
A (x)
R/W
See Note
Transmit Signaling bit A
This bit allows user to provide signaling Bit A (Octets 0-23) if
Robbed-bit signaling is enabled (Rob_Enb bit of this register set to
1) and if signalling data is inserted from TSCR (TxSIGSRC[1:0] =
01 in this register).
NOTE: Register 0xn340 represents signaling data for Time Slot 0,
and 0xn357 represents signaling data for Time Slot 23.
6
B (y)
R/W
See Note
Transmit Signaling bit B
This bit allows user to provide signaling Bit B (Octets 0-23) if
Robbed-bit signaling is enabled (Rob_Enb bit of this register set to
1) and if signalling data is inserted from TSCR (TxSIGSRC[1:0] =
01 in this register).
NOTE: Register 0xn340 represents signaling data for Time Slot 0,
and 0xn357 represents signaling data for Time Slot 23.
5
C (x)
R/W
See Note
Transmit Signaling bit C
This bit allows user to provide signaling Bit C (Octets 0-23) if
Robbed-bit signaling is enabled (Rob_Enb bit of this register set to
1) and if signalling data is inserted from TSCR (TxSIGSRC[1:0] =
01 in this register).
NOTE: Register 0xn340 represents signaling data for Time Slot 0,
and 0xn357 represents signaling data for Time Slot 23.
4
D (x)
R/W
See Note
Transmit Signaling bit D
This bit allows user to provide signaling Bit D (Octets 0-23) if
Robbed-bit signaling is enabled (Rob_Enb bit of this register set to
1) and if signalling data is inserted from TSCR (TxSIGSRC[1:0] =
01 in this register).
NOTE: Register 0xn340 represents signaling data for Time Slot 0,
and 0xn357 represents signaling data for Time Slot 23.
3
Reserved
-
See Note
Reserved
2
Rob_Enb
R/W
See Note
Robbed-bit signaling enable
This bit enables or disables Robbed-bit signaling transmission. If
robbed-bit signaling is enabled, signaling data is conveyed in the
8th position of each signaling channel by replacing the original LSB
of the voice channel with signaling data.
0 = Disables Robbed-bit signaling.
1 = Enables Robbed-bit signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com