Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34 Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 31Page - Exar Corporation XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation XRT86VL34 Datasheet HTML 34Page - Exar Corporation XRT86VL34 Datasheet HTML 35Page - Exar Corporation XRT86VL34 Datasheet HTML 36Page - Exar Corporation XRT86VL34 Datasheet HTML 37Page - Exar Corporation XRT86VL34 Datasheet HTML 38Page - Exar Corporation XRT86VL34 Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
XRT86VL34
30
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
4
AutoRx
R/W
0
Auto Receive LAPD Message
This bit configures the Receive HDLC Controller Block #1 to discard
any incoming BOS or LAPD Message frame that exactly match
which is currently stored in the Receive HDLC1 buffer.
0 = Disables this “AUTO DISCARD” feature
1 = Enables this “AUTO DISCARD” feature.
3
Tx_ABORT
R/W
0
Transmit ABORT
This bit configures the Transmit HDLC Controller Block #1 to trans-
mit an ABORT sequence (string of 7 or more consecutive 1’s) to the
Remote terminal.
0 - Configures the Transmit HDLC Controller Block # 1 to function
normally (e.g., not transmit the ABORT sequence).
1 - Configures the Transmit HDLC Controller block # 1 to transmit
the ABORT Sequence.
2
Tx_IDLE
R/W
0
Transmit Idle (Flag Sequence Byte)
This bit configures the Transmit HDLC Controller Block #1 to uncon-
ditionally transmit a repeating string of Flag Sequence octets (0X7E)
in the data link channel to the Remote terminal. In normal condi-
tions, the Transmit HDLC Controller block will repeatedly transmit
the Flag Sequence octet whenever there is no MOS message to
transmit to the remote terminal equipment. However, if the user
invokes this “Transmit Idle Sequence” feature, then the Transmit
HDLC Controller block will UNCONDITIONALLY transmit a repeat-
ing stream of the Flag Sequence octet (thereby overwriting all out-
bound MOS data-link messages).
0 - Configures the Transmit HDLC Controller Block # 1 to transmit
data-link information in a “normal” manner.
1 - Configures the Transmit HDLC Controller block # 1 to transmit a
repeating string of Flag Sequence Octets (0x7E).
NOTE:
This bit is ignored if the Transmit HDLC1 controller is
operating in the BOS Mode - bit 0 (MOS/BOS) within this
register is set to 0.
TABLE 16: DATA LINK CONTROL REGISTER (DLCR1)
HEX ADDRESS: 0Xn113
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com