Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7113 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 48Page - NXP Semiconductors SAF7113 Datasheet HTML 49Page - NXP Semiconductors SAF7113 Datasheet HTML 50Page - NXP Semiconductors SAF7113 Datasheet HTML 51Page - NXP Semiconductors SAF7113 Datasheet HTML 52Page - NXP Semiconductors SAF7113 Datasheet HTML 53Page - NXP Semiconductors SAF7113 Datasheet HTML 54Page - NXP Semiconductors SAF7113 Datasheet HTML 55Page - NXP Semiconductors SAF7113 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
2000 May 08
52
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2
I2C-bus detail
The I2C-bus receiver slave address is 48H/49H.
Subaddresses 14H, 18H to 1EH, 20H to 3FH and
63H to FFH are reserved.
15.2.1
SUBADDRESS 00H (READ ONLY REGISTER)
Table 25 Chip version SA 00
15.2.2
SUBADDRESS 01H
Table 26 Horizontal increment delay
The programming of the horizontal increment delay is
used to match internal processing delays to the delay of
the ADC. Use recommended position only.
FUNCTION
LOGIC LEVELS
ID07
ID06
ID05
ID04
Chip Version (CV)
CV3
CV2
CV1
CV0
FUNCTION
IDEL3 IDEL2 IDEL1 IDEL0
No update
1111
Minimum delay
1110
Recommended
position
1000
Maximum delay
0000
15.2.3
SUBADDRESS 02H
Table 27 Analog control 1 SA 02
Notes
1. Mode select (see Figs 35 to 42).
2. To take full advantage of the YC-modes 6 to 9 the I2C-bus bit BYPS (subaddress 09H, bit 7) should be set to logic 1
(full luminance bandwidth).
FUNCTION(1)
CONTROL BITS D3 TO D0
MODE 3 MODE 2 MODE 1 MODE 0
Mode 0: CVBS (automatic gain) from AI11 (pin 4)
0000
Mode 1: CVBS (automatic gain) from AI12 (pin 7)
0001
Mode 2: CVBS (automatic gain) from AI21 (pin 43)
0010
Mode 3: CVBS (automatic gain) from AI22 (pin 1)
0011
Mode 4: reserved
0100
Mode 5: reserved
0101
Mode 6: Y (automatic gain) from AI11 (pin 4) + C (gain adjustable via
GAI28 to GAI20) from AI21 (pin 43); note 2
0110
Mode 7: Y (automatic gain) from AI12 (pin 7) + C (gain adjustable via
GAI28 to GAI20) from AI22 (pin 1); note 2
0111
Mode 8: Y (automatic gain) from AI11 (pin 4) + C (gain adapted to Y gain)
from AI21 (pin 43); note 2
1000
Mode 9: Y (automatic gain) from AI12 (pin 7) + C (gain adapted to Y gain)
from AI22 (pin 1); note 2
1001
Modes 10 to 15: reserved
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com