Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7113 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 65Page - NXP Semiconductors SAF7113 Datasheet HTML 66Page - NXP Semiconductors SAF7113 Datasheet HTML 67Page - NXP Semiconductors SAF7113 Datasheet HTML 68Page - NXP Semiconductors SAF7113 Datasheet HTML 69Page - NXP Semiconductors SAF7113 Datasheet HTML 70Page - NXP Semiconductors SAF7113 Datasheet HTML 71Page - NXP Semiconductors SAF7113 Datasheet HTML 72Page - NXP Semiconductors SAF7113 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
2000 May 08
69
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.23 SUBADDRESS 17H
Table 54 VGATE MSBs
15.2.24 SUBADDRESS 1FH (READ ONLY REGISTER)
Table 55 Status byte video decoder SA 1F
FUNCTION
LOGIC LEVEL
CONTROL BIT
VSTA8, see SA 15
MSB VGATE start
see Table 52
D0
VSTO8, see SA 16
MSB VGATE stop
see Table 53
D1
I2C-BUS
CONTROL BIT
FUNCTION
DATA BIT
RDCAP
ready for capture (all internal loops locked); active HIGH (OLDSB = 0)
D0
CODE
colour signal in accordance with selected standard has been detected; active HIGH
(OLDSB = 1)
COPRO
copy protected source detected according to macrovision version up to 7.01
(OLDSB = 0)
D1
SLTCA
slow time constant active in WIPA mode; active HIGH (OLDSB = 1)
WIPA
white peak loop is activated; active HIGH
D2
GLIMB
gain value for active luminance channel is limited [min (bottom)]; active HIGH
D3
GLIMT
gain value for active luminance channel is limited [max (top)]; active HIGH
D4
FIDT
identification bit for detected field frequency; LOW = 50 Hz, HIGH = 60 Hz
D5
HLVLN
status bit for horizontal/vertical loop: LOW = locked, HIGH = unlocked (OLDSB = 0)
D6
HLCK
status bit for locked horizontal frequency; LOW = locked, HIGH = unlocked
(OLDSB = 1)
INTL
status bit for interlace detection; LOW = non-interlaced, HIGH = interlaced
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com