Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7113 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 51Page - NXP Semiconductors SAF7113 Datasheet HTML 52Page - NXP Semiconductors SAF7113 Datasheet HTML 53Page - NXP Semiconductors SAF7113 Datasheet HTML 54Page - NXP Semiconductors SAF7113 Datasheet HTML 55Page - NXP Semiconductors SAF7113 Datasheet HTML 56Page - NXP Semiconductors SAF7113 Datasheet HTML 57Page - NXP Semiconductors SAF7113 Datasheet HTML 58Page - NXP Semiconductors SAF7113 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
2000 May 08
55
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.4
SUBADDRESS 03H
Table 30 Analog control 2 (AICO2) SA 03
15.2.5
SUBADDRESS 04H
Table 31 Gain control analog (AICO3); static gain control channel 1 GAI1 SA 04, D7 to D0
FUNCTION
LOGIC LEVEL
DATA BIT
Static gain control channel 1 (GAI18) (see SA 04)
Sign bit of gain control
see Table 31
D0
Static gain control channel 2 (GAI28) (see SA 05)
Sign bit of gain control
see Table 32
D1
Gain control fix (GAFIX)
Automatic gain controlled by MODE3 to MODE0
0
D2
Gain is user programmable via GAI1 + GAI2
1
D2
Automatic gain control integration (HOLDG)
AGC active
0D3
AGC integration hold (freeze)
1
D3
White peak off (WPOFF)
White peak control active
0
D4
White peak off
1
D4
AGC hold during vertical blanking period (VBSL)
Short vertical blanking (AGC disabled during equalization and serration
pulses)
0D5
Long vertical blanking (AGC disabled from start of pre-equalization pulses
until start of active video (line 22 for 60 Hz, line 24 for 50 Hz)
1D5
HL not reference select (HLNRS)
Normal clamping if decoder is in unlocked state
0
D6
Reference select if decoder is in unlocked state
1
D6
DECIMAL
VALUE
GAIN
(dB)
SIGN
BIT
CONTROL BITS D7 TO D0
GAI18
GAI17
GAI16
GAI15
GAI14
GAI13
GAI12
GAI11
GAI10
0...
≈−3
0
00000000
...117...
≈0
0
01110101
...511
≈6
1
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com