Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7113 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 71Page - NXP Semiconductors SAF7113 Datasheet HTML 72Page - NXP Semiconductors SAF7113 Datasheet HTML 73Page - NXP Semiconductors SAF7113 Datasheet HTML 74Page - NXP Semiconductors SAF7113 Datasheet HTML 75Page - NXP Semiconductors SAF7113 Datasheet HTML 76Page - NXP Semiconductors SAF7113 Datasheet HTML 77Page - NXP Semiconductors SAF7113 Datasheet HTML 78Page - NXP Semiconductors SAF7113 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
2000 May 08
75
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
Notes
1. All X values must be set to LOW. For SECAM decoding set register 0EH to 50H.
2. For proper data slicer programming refer to Tables 8 to 11 and 4.
16
VGATE stop
VSTO7 to VSTO0
0
0
0
0
0
0
0
0
00
17
MSBs for VGATE
control
X, X, X, X, X, X, VSTO8 and VSTA8
0
0
0
0
0
0
0
0
00
18 to
1E
reserved
0
0
0
0
0
0
0
0
00
1F
decoder status byte
INTL, HVLN, FIDT, GLIMT, GLIMB, WIPA,
COPRP and RDCAP
read-only register
20 to
3F
reserved
0
0
0
0
0
0
0
0
00
40
slicer control 1
FISET, HAM_N, FCE and HUNT_N
0
0
0
0
0
0
1
0
02(2)
41 to
57
line control register
2to24
LCRn7 to LCRn0
1
1
1
1
1
1
1
1
FF(2)
58
programmable framing
code
FC7 to FC0
0
0
0
0
0
0
0
0
00
59
horizontal offset for
slicer
HOFF7 to HOFF0
0
1
0
1
0
1
0
0
54(2)
5A
vertical offset for slicer
VOFF7 to VOFF0
0
0
0
0
0
1
1
1
07(2)
5B
field offset and MSBs
for horizontal and
vertical offset
FOFF, X, X, VOFF8, X,
HOFF10 to HOFF8
10000011
83(2)
5C
and
5D
reserved
0
0
0
0
0
0
0
0
00
5E
sliced data
identification code
X, X, SDID5 to SDID0
0
0
0
0
0
0
0
0
00
5F
reserved
0
0
0
0
0
0
0
0
00
60
slicer status byte 1
X, FC8V, FC7V, VPSV, PPV, CCV, X, X
read-only register
61
slicer status byte 2
X, X, F21_N, LN8 to LN4
read-only register
62
LN3 to LN0, DT3 to DT0
read-only register
SUB
(HEX)
FUNCTION
NAME(1)
VALUES (BIN)
(HEX)
76543210
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com