Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
but they are still contiguously aligned in a single row. See Figure 1, the module's block
diagram. This configuration lends to a positional stream of video pixels whether they are
read in parallel or sequentially from the two output ports, i.e., at the end of the first
section's array, pixel number 1247, the following 1st pixel of the second section continues
as position 1248 and sequences up to pixel 2592 or the end, pixel 1344 of the end second
section.
Each chip contains a set of multiplex switches, and a digital shift register to control the
chips sequential readout. Additionally, the chips contain a chip selection switch that is
interrogated in a sequence as each predecessor chip completes its scanning process.
Since this module has two output ports from two independently controlled section of chips,
to operate both sections, the users are required to enter a set of control clocks and power
into each section through the two provided connectors located on each end of the module.
Figure 1. PI324MC-A4 module block diagram.
(See Table 1 for pin-out designation)
Located on the next page is Figure 2 depicting a cross sectional pictorial of the module.
Mounted in the module is one-to-one graded indexed micro lens array that focuses the
scanned documents' image onto the chip's sensing line. The sensing line is located along
the module's sensor axis, known as the read line. These photon images are transformed
into proportional video charges and processed by two on-board amplifiers. The video
signal from the amplifier transmits a sequential stream of video pixels to video output pin
of the PI324MC-A4 module. Also mounted in housing is a LED light source. Figure 2
shows LED bar and its illumination path. The path traces the ray from the LED and
reflected from the document and focused through the ROD lens and onto the sensors. All
these components are housed in a small plastic housing with a cover glass. The cover
glass serves as window with outside surface as the focal point for the image on the
document. It also serves to protect the imaging array, the micro lens assembly, and the
LED light source from dust.
VLED
GLED
BUFFER
VIDEO AMPL
VIDEO AMPL
BUFFER
SHIFT REGISTER
SHIFT REGISTER
ROD LENSE
PHOTO SENSORS
PHOTO SENSORS
1 2 3 4
1246
1247
1248
1 2 3
4
1342
1343
1344
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
PAGE 2 OF 9 - PI324MC-A4, 11-15-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com