Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PI324MC-A4 Module and Its Mechanical Dimensions
Figure 6 is an overview drawing of the module. If a detailed drawing is desired, especially
for a design in application, a full size drawing is available upon request.
Figure 6. Mechanical Overview of the Module
©2000 Peripheral Imaging Corporation.
Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.
PAGE 9 OF 9 - PI324MC-A4, 11-15-00
READ
LINE
6.0
8 PINS
JAE
IL-Z-8P-S125L3-E
232
82.5
82.5
12
PINS
SCAN
DIRECTION
JAE
IL-Z-12P-S125L3-E
19.5
6.8 +/- 0.2
13.7
11.5
+/- 0.2
15.5
+/- 0.2
THE SURFACE
OF THE GLASS
SIDE
TAPE
Ø2.2 +/-0.05 HOLE
2X2 -M2.6 TAPSIZE USE (DP6)
Ø1.65+/- HOLE
1X1 - M2 TAPSIZE USE (DP6)
ALL DIMENSIONS IN mm
END VIEW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com