Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
The connector for section two has 8 pins and is located on the left hand side. The part
number is JAE IL-Z-8P-S125L3-E. The pin numbers and designations for the connector
are listed in Table 1B. Pin Configuration For Section 2 Connector.
Pin Number
Symbol
Names and Functions
1
Vout2
Analog Video Output
2
Gnd
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
Vn (-5V )
Negative power supply
5
Gnd
Ground; 0V
6
SP2
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
Table 1B. Pin Configuration For Section 2 Connector
Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
70
mA
Vn
-15
V
In
20
mA
VLED
6.0
V
Power supply voltage
ILED
0.65
A
Input clock pulse (high level)
Vih
Vdd +.5
V
Input clock pulse (low level)
Vil
-0.5
V
Note, these are the absolute maximums and are not to be used in prolonged operation.
Table 2. Absolute Maximum Ratings
Operating Environment
Operating temperature
Top
0 to 50
0C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to+75
0C
Storage humidity
Hstg
5 to 95
%
Table 3. Operating Environment
PAGE 4 OF 9 - PI324MC-A4, 11-15-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com