Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
where: Vpmax=the maximum value of the peak n
th video pixel, Vp(n),
and: Vpmin = the minimum value of the peak video n
th video pixel, Vp(n).
Up = +/-30% is selected from the greater absolute value of Upmax of Upmin. If
|Upmax| > |Upmin| then Up = +|Upmax| is selected, if |Upmin| > |Upmax| then Up =
-|Upmin| is selected. In either case, |Upmax| + |Upmin|
≤ 60%.
(5) Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the nonuniformity percentage pixel to pixel
(6) See the discussion on dark uniformity, Ud.
(7) See the section on MTF Discussion and Graph.
Dark Uniformity, Ud
Figure 3, Definition of the Video Pixel in the Light and in the Dark, exemplifies the
definitions of the terminology which are used to explain the video signal characteristics.
Dark uniformity is defined as Ud = Vdmax - Vdmin; Where Vdmax and Vdmin are the
maximum and minimum voltage of Vd, the average dark level of total pixels in scan line
when the LED light is turned off. Vd is measured from Reset Level and this amplitude
between the dark level and this reset level is call PEDESTAL. The pedestal level is
caused by resetting operation of pixel. Although the pedestal remains constant for a
constant clock frequency, the Reset Level will very from ground, because the dark level,
Vd, is factory adjusted to ground (zero volts).
Figure 3. Definition of the Video Pixel in the Light and in the Dark
CP
VIDEO
OUTPUT
Dark Level
PEDESTAL
PEDESTAL
Reset Level
Vp(n) in the light
VIDEO IN LIGHT AND IN
DARK
PAGE 6 OF 9 - PI324MC-A4, 11-15-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com