Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electro-optical characteristics at 25°C.
Parameter
Symbol
Parameter
Units
Note
Total Number of photo
detectors
2592
elements
The sum of
both
sections
Number detectors in
Section 1
1248
elements
Number of detectors in
Section 2
1344
elements
Pixel to pixel spacing
84.7
µm
Line scanning rate
Tint(1)
270
µsec
@ 5.0 MHz
clock
frequency
Clock frequency(2)
f
5.0
MHz
Bright output voltage(3)
Vpavg
1.0
Volts
Bright output
nonuniformity(4)
Up
<+/-30
%
Adjacent pixel
nonuniformity(5)
Uadj
<25
%
Dark nonuniformity(6)
Ud
<100
mV
Dark output voltage(6)
Vd
<150
mV
Average
dark level
from the
video reset
level.
Typical Modulation
transfer function(7)
MTF
50
%
Table 4. Electro-optical characteristics at 25° C.
Definition:
(1) Tint: Line scanning rate or integration time. Tint is determined by the interval of two
SP, start pulses. The line scan time is determined by the longest array with both section 1
and 2 operating in parallel. Longest array is section 2, with 1344 pixels, running at 5MHz
pixel rate.
(2) f: main clock frequency,
(3) Vpavg =
∑ Vp(n)/1248 for section 1 and Vpavg = ∑ Vp(n)/1344 for section 2,
where: Vp(n) is the peak value of any n
th pixel in a give scan.
This level is factory adjusted with an internal potentiometer after setting the scan
times to a the minimum allowable for a fixed clock frequency. In this case,
≈
275
µsec at 5MHz clock frequency. This value is then used as reference to adjust
the dark level and to call out the dark uniformity, see note 6 on dark uniformity.
(4) Up is defined as follows: Upmax = [(Vpmax - Vpavg) / Vpavg] x 100% or Upmin =
[(Vpavg - Vpmin) / Vpavg] x 100%
PAGE 5 OF 9 - PI324MC-A4, 11-15-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com