Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MTF Graph and Its Discussion
See Figure 4 MTF versus Distance. This graph essentially shows the working depth of
focus. Since this module is a 300DPI module, a pixel density of 300 pixel per inch, the
MTF was measured with a 150 DPI or a 75 line-pair per inch optical bar pattern. The test
were conducted a pixel rate of 2.5MHz.
Figure 4. MTF versus Distance
The effective algorithm used in the measurements is as described by the following
equation:
MTF={[Vp(n)+Vp(n+1)]/2-[Vp(n+2)+Vp(n+3)]/2}/{[Vp(n)+Vp(n+1)]/2+[Vp(n+2)+Vp(n+3)]/2}
Where n is 1, 2, .....2592th, Vp(n) is the signal amplitude of the nth pixel.
Recommended Operating Conditions (25° C)
Item
Symbol
Min
Mean
Max
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
V
VLED
5.0
5.5
V
Idd(1&2)
35
55
ma
Ivn (1&2)
6.0
10.0
ma
Power Supply
ILED
460
600
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
f
5.5
MHz
Clock pulse high duty cycle
25
%
TYPICAL MTF VERSUS DEPTH OF FOCUS
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.6
DEPTH FROM THE WINDOW SURFACE(mm)
PAGE 7 OF 9 - PI324MC-A4, 11-15-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com