Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI324MC-A4 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 2. PI324MC-A4 Cross Section
I/O Designation
There are two connectors located at the ends of the modules. The outline of the module in
Figure 5 of the mechanical section illustrates these connector locations. With the module
window facing down on flat surface and with the viewer looking down on backside of the
module, the connectors are located on each end of the module with their pins pointing
toward the viewer. The connectors for section 1 has 12 pins and is located on the right
hand side. The part number is JAE IL-Z-12P-S125L3-E. Its pin numbers and
designations are in Table 1A. Pin Configuration For Section 1 Connector.
Pin Number
Symbol
Names and Functions
1
Vout1
Analog Video Output
2
Gnd
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
Vn (-5V )
Negative power supply
5
Gnd
Ground; 0V
6
SP1
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
9
GLED
Ground for the light source; 0V
10
VLED
Supply for the light source
11
LED(future)
Supply for future LED source
12
LED(future)
Supply for future LED source
Table 1A. Pin Configuration For Section 1 Connector
PAGE 3 OF 9 - PI324MC-A4, 11-15-00
GLASS WINDOW
DOCUMENT SURFACE
LIGHT PATH
SENSORS
PCB
LED
BAR
INSIDE PICTORIAL OF MODULE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com