Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6502 Datasheet HTML 1Page - NXP Semiconductors TDA6502 Datasheet HTML 2Page - NXP Semiconductors TDA6502 Datasheet HTML 3Page - NXP Semiconductors TDA6502 Datasheet HTML 4Page - NXP Semiconductors TDA6502 Datasheet HTML 5Page - NXP Semiconductors TDA6502 Datasheet HTML 6Page - NXP Semiconductors TDA6502 Datasheet HTML 7Page - NXP Semiconductors TDA6502 Datasheet HTML 8Page - NXP Semiconductors TDA6502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2000 Mar 16
5
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
4
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges.
Notes
1. One buffer ‘on’, Io = 25 mA; two buffers ‘on’, maximum sum of Io = 30 mA.
2. The power dissipation is calculated as follows:
where:
VP(sat) = output saturation voltage on the buffer output
Io = source current for one buffer output.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
4.5
5
5.5
V
ICC
supply current
all PMOS ports are off;
VCC =5V
−
71
−
mA
fXTAL
crystal oscillator frequency
−
4.0
−
MHz
Io(PMOS)
PMOS port output current
note 1
−−
30
mA
Ptot
total power dissipation
note 2
−−
520
mW
Tstg
IC storage temperature
−40
−
+150
°C
Tamb
ambient temperature
−20
−
+85
°C
fRF
RF frequency
VHF band
40
−
800
MHz
UHF band
200
−
900
MHz
GV
voltage gain
VHF band
−
20
−
dB
UHF band
−
32
−
dB
NF
noise figure
VHF band
−
7.5
−
dB
UHF band
−
7
−
dB
Vo
output voltage (causing 1% cross
modulation in channel)
VHF band
−
110
−
dB
µV
UHF band
−
110
−
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA6502;
TDA6502A;
TDA6503;
TDA6503A
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1
P
tot
V
CC
I
CC
I
o
–
() V
P(sat)
I
o
0.5
33V
×
()
2
22 k
Ω
---------------------------------
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com