Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 23Page - NXP Semiconductors TDA6502 Datasheet HTML 24Page - NXP Semiconductors TDA6502 Datasheet HTML 25Page - NXP Semiconductors TDA6502 Datasheet HTML 26Page - NXP Semiconductors TDA6502 Datasheet HTML 27Page - NXP Semiconductors TDA6502 Datasheet HTML 28Page - NXP Semiconductors TDA6502 Datasheet HTML 29Page - NXP Semiconductors TDA6502 Datasheet HTML 30Page - NXP Semiconductors TDA6502 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
2000 Mar 16
27
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
handbook, full pagewidth
50
Ω
50
Ω
50
Ω
50
Ω
ew
eu
unwanted
signal
source
wanted
signal
source
AM = 30%
2 kHz
FCE583
27
Ω
50
Ω
45.75 MHz
V
UHFIN
UHFIN
IFOUT
A
B
C
D
HYBRID
A
B
C
D
HYBRID
18 dB
attenuator
Vmeas
RMS
voltmeter
modulation
analyzer
Vo
FILTER
D.U.T.
Fig.18 Cross modulation measurement in UHF band.
Vo =Vmeas ×
Wanted output signal at fRF(w) = 367.25 (801.25) MHz; Vo(w) = 100 dBµV.
Measuring the level of the unwanted output signal Vo(u) causing 0.3% AM modulation in the wanted output signal; fRF(u) = 371.25 (805.75) MHz.
fOSC = 413 (847) MHz.
Filter characteristics: fc = 45.75 MHz, f−3 dB(BW) = 1.4 MHz, f−30 dB(BW) = 3.1 MHz.
50
27
+
50
-------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com