Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 18Page - NXP Semiconductors TDA6502 Datasheet HTML 19Page - NXP Semiconductors TDA6502 Datasheet HTML 20Page - NXP Semiconductors TDA6502 Datasheet HTML 21Page - NXP Semiconductors TDA6502 Datasheet HTML 22Page - NXP Semiconductors TDA6502 Datasheet HTML 23Page - NXP Semiconductors TDA6502 Datasheet HTML 24Page - NXP Semiconductors TDA6502 Datasheet HTML 25Page - NXP Semiconductors TDA6502 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
2000 Mar 16
22
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
handbook, full pagewidth
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
− j
FCE529
0.5
1
0.2
10
5
2
860 MHz
350 MHz
∞
Fig.8 Input impedance (S11) of the UHF mixer input (350 to 860 MHz); Z0 =50 Ω.
handbook, full pagewidth
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
− j
FCE530
0.5
1
0.2
10
5
2
20 MHz
100 MHz
∞
Fig.9 Output impedance (S22) of the IF amplifier (20 to 60 MHz); Z0 =50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com