Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 15Page - NXP Semiconductors TDA6502 Datasheet HTML 16Page - NXP Semiconductors TDA6502 Datasheet HTML 17Page - NXP Semiconductors TDA6502 Datasheet HTML 18Page - NXP Semiconductors TDA6502 Datasheet HTML 19Page - NXP Semiconductors TDA6502 Datasheet HTML 20Page - NXP Semiconductors TDA6502 Datasheet HTML 21Page - NXP Semiconductors TDA6502 Datasheet HTML 22Page - NXP Semiconductors TDA6502 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
2000 Mar 16
19
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Vo
output voltage (causing 1%
cross modulation in channel)
fRF = 55.25 MHz; see Fig.15
107
110
−
dB
µV
fRF = 361.25 MHz; see Fig.15
107
110
−
dB
µV
Vi
input voltage (causing
pulling-in channel at 750 Hz)
fRF = 361.25 MHz; note 2
−
83
−
dB
µV
gos
optimum source
conductance for noise figure
fRF =50MHz
−
0.7
−
mS
fRF = 150 MHz
−
0.9
−
mS
fRF = 300 MHz
−
1.5
−
mS
gi
input conductance
fRF = 55.25 MHz; see Fig.7
−
0.3
−
mS
fRF = 361.25 MHz; see Fig.7
−
0.4
−
mS
Ci
input capacitance
fRF = 57.5 to 357.5 MHz; see Fig.7
−
1.35
−
pF
VHF OSCILLATOR
fOSC(o)
oscillator operational
frequency
60
600
MHz
fOSC
oscillator frequency
note 3
101
−
407
MHz
∆fOSC(V)
oscillator frequency variation
with supply voltage
∆VCC = 5%; note 4
−
60
−
kHz
∆V
CC = 10%; note 4
−
110
−
kHz
∆f
OSC(T)
oscillator frequency variation
with temperature
∆T=25 °C; with compensation;
note 5
−
1600
−
kHz
∆f
OSC(t)
oscillator frequency drift
5 s to 15 min after switch-on; note 6
−
400
−
kHz
Φ
OSC
phase noise, carrier-to-noise
sideband
±100 kHz frequency offset; worst
case in the frequency range
−
105
−
dBc/Hz
RSC
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the
frequency range; ripple frequency
500 kHz; note 7
15
30
−
mV
UHF MIXER (INCLUDING IF PREAMPLIFIER)
fRF(o)
RF operational frequency
200
900
MHz
fRF
RF frequency
note 1
367.25
−
801.25
MHz
Gv
voltage gain
fRF = 369.5 MHz; see Fig.16
29
32
35
dB
fRF = 803.5 MHz; see Fig.16
29
32
35
dB
NF
noise figure (not corrected
for image)
fRF = 369.5 MHz; see Fig.17
−
79dB
fRF = 803.5 MHz; see Fig.17
−
79dB
Vo
output voltage (causing 1%
cross modulation in channel)
fRF = 367.25 MHz; see Fig.18
107
110
−
dB
µV
fRF = 801.25 MHz; see Fig.18
107
110
−
dB
µV
Vi
input voltage (causing
pulling in channel at 750 Hz)
fRF = 801.25 MHz; note 2
−
85
−
dB
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com