Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 27Page - NXP Semiconductors TDA6502 Datasheet HTML 28Page - NXP Semiconductors TDA6502 Datasheet HTML 29Page - NXP Semiconductors TDA6502 Datasheet HTML 30Page - NXP Semiconductors TDA6502 Datasheet HTML 31Page - NXP Semiconductors TDA6502 Datasheet HTML 32Page - NXP Semiconductors TDA6502 Datasheet HTML 33Page - NXP Semiconductors TDA6502 Datasheet HTML 34Page - NXP Semiconductors TDA6502 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
2000 Mar 16
31
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
13.5.2
READ SEQUENCES FROM REGISTER C3
Tables 25 and 26 show the various read sequences where:
S = START bit
A = acknowledge bit
XX = read status byte
X = no acknowledge from the master means end of sequence
P = STOP bit
Table 25 One status byte acquisition
Table 26 Two status bytes acquisition
13.6
Examples of 3-wire bus data format sequences for TDA6502 and TDA6503
13.6.1
18-BIT SEQUENCE
Conditions:
fosc = 800 MHz
Port register PUHF is ‘on’.
Table 27 18-bit sequence
The reference divider is automatically set to 64 assuming that bit RSB has been set to logic 1 at power-on. If bit RSB has
been set to logic 0, in a previous 27-bit sequence, the reference divider will still be set at 80. In this event, the 18-bit
sequence has to be adapted to the 80 divider ratio.
13.6.2
19-BIT SEQUENCE
Conditions:
fosc = 650 MHz
Port register PUHF is ‘on’.
Table 28 19-bit sequence
The reference divider is automatically set to 128 assuming that bit RSB has been set to logic 1 at power-on. If bit RSB
has been set to logic 0 in a previous 27-bit sequence, the reference divider will still be set at 80. In this event, the 19-bit
sequence has to be adapted to the 80 divider ratio.
START
ADDRESS BYTE
ACK
STATUS BYTE
ACK
STOP
SC3
A
XX
X
P
START
ADDRESS BYTE
ACK
STATUS BYTE
ACK
STATUS BYTE
ACK
STOP
S
C3
A
XX
A
XX
X
P
PUHF FMST PVHFH PVHFL
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
1
0
0
0
1
1
1
0
0100000000
PUHF FMST PVHFH PVHFL
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
1
0
0
0
10100
0101000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com