Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 24Page - NXP Semiconductors TDA6502 Datasheet HTML 25Page - NXP Semiconductors TDA6502 Datasheet HTML 26Page - NXP Semiconductors TDA6502 Datasheet HTML 27Page - NXP Semiconductors TDA6502 Datasheet HTML 28Page - NXP Semiconductors TDA6502 Datasheet HTML 29Page - NXP Semiconductors TDA6502 Datasheet HTML 30Page - NXP Semiconductors TDA6502 Datasheet HTML 31Page - NXP Semiconductors TDA6502 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCE481
LED
LED
LED
LED
C1
C4
C5
C2
C3
4.7 nF
4.7 nF
4.7 nF
1(28)
2(27)
3(26)
4(25)
5(24)
6(23)
W1
W3
W2
15 pF
15 pF
L4
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
FMST
CE/AS
DA
CP
Y1
VT
XTAL
VCC
VCC
IFOUT
CL
SW
R15
R16
R17
R18
D4
D5
D6
D7
7(22)
8(21)
9(20)
10(19)
11(18)
12(17)
13(16)
14(15)
15(14)
16(13)
17(12)
18(11)
19(10)
20(9)
21(8)
22(7)
23(6)
24(5)
25(4)
26(3)
27(2)
28(1)
CON4
CON3
CON1
open for 3-wire
for test purpose only
for test purpose only
for test
purpose only
VCC
01 02
02 01
03
03
04
04
05 06
R24
R22
TDA6502/2A
(TDA6503/3A)
R12
R14
R10
R9
R8
R6 5.6
Ω
R5
R4
R3
R7
R2 27
Ω
R11
R13
R25
R26
TR1
BC847B
C27
10
µF
(16 V)
C26
10
µF
(16 V)
TR2
BC847B
68 k
Ω
1 k
Ω
LOCK/ADC
LOCK/ADC
J2
J3
C22
330 pF
C23
C21
C18 4.7 nF
C16
L1
L3
L5
L2
C10 1.2 pF
C11 1.2 pF
C13
C9 1.2 pF
C8 1.2 pF
C14
D3
D2
D1
C17
C6
C15
C12
27 pF
C19 4.7 nF
C20
100 nF
10 nF
18 pF
4.7 nF
2 pF
4.7 nF
VHF-LOW
VHF-HIGH
BA792
BB178
BB179
OSCGND
VHFOSCIB
UHFOSCIB1
UHFOSCIB2
UHFOSCOC1
UHFOSCOC2
VHFOSCOC
GND
J1
RIPPLE
6.8 k
Ω
22 k
Ω
22 k
Ω
22 k
Ω
3.9 k
Ω
3.9 k
Ω
22 k
Ω
12 k
Ω
2.2 k
Ω
330
Ω
R21
330
Ω
R19
330
Ω
R20
330
Ω
330
Ω
330
Ω
330
Ω
330
Ω
680
Ω
27
Ω
82 pF
2 pF
22 nF
10 k
Ω
Fig.19 Measurement circuit.
The pin numbers in brackets represent the TDA6503 and TDA6503A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com