Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6502 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 26Page - NXP Semiconductors TDA6502 Datasheet HTML 27Page - NXP Semiconductors TDA6502 Datasheet HTML 28Page - NXP Semiconductors TDA6502 Datasheet HTML 29Page - NXP Semiconductors TDA6502 Datasheet HTML 30Page - NXP Semiconductors TDA6502 Datasheet HTML 31Page - NXP Semiconductors TDA6502 Datasheet HTML 32Page - NXP Semiconductors TDA6502 Datasheet HTML 33Page - NXP Semiconductors TDA6502 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
2000 Mar 16
30
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Table 19 Transistors
13.3
Tuning amplifier
The tuning amplifier is capable of driving the varicap
voltage without an external transistor. The tuning voltage
output must be connected to an external load of 27 k
Ω
which is connected to the tuning voltage supply rail.
The loop filter design depends on the oscillator
characteristics and the selected reference frequency.
13.4
Crystal oscillator
The crystal oscillator uses a 4 MHz crystal connected in
series with an 18 pF capacitor thereby operating in the
series resonance mode. Connecting the crystal to the
ground is preferred, but it can also be connected to the
supply voltage.
13.5
Examples of I2C-bus data format sequences for
TDA6502 and TDA6503
Tables 20 to 24 show the various write sequences where:
S = START bit
A = acknowledge bit
P = STOP bit.
Conditions:
fxtal = 4 MHz
N = 1600
fosc = 100 MHz
fstep = 62.5 kHz
Port register VHFL is ‘on’ to switch-on band VHF low
Port register FMST is ‘on’ to switch-on an FM sound trap
ICP = 280 µA.
COMPONENT
VALUE
TR1
BC847B
TR2
BC847B
13.5.1
WRITE SEQUENCES TO REGISTER C2
Table 20 Complete sequence with first the divider bytes (first data bit = 0)
Table 21 Complete sequence with first the control and band-switch bytes (first data bit = 1)
Table 22 Sequence with divider bytes only (first data bit = 0)
Table 23 Sequence with control and band-switch bytes only (first data bit = 1)
Table 24 Sequence with control byte only (first data bit = 1)
START
ADDRESS
BYTE
ACK
DIVIDER
BYTE 1
ACK
DIVIDER
BYTE 2
ACK
CONTROL
BYTE
ACK
BAND-
SWITCH
BYTE
ACK
STOP
S
C2
A
06
A
40
A
CE
A
09
A
P
START
ADDRESS
BYTE
ACK
CONTROL
BYTE
ACK
BAND-
SWITCH
BYTE
ACK
DIVIDER
BYTE 1
ACK
DIVIDER
BYTE 2
ACK
STOP
S
C2
A
CE
A
09
A
06A40A
P
START
ADDRESS BYTE
ACK
DIVIDER BYTE 1
ACK
DIVIDER BYTE 2
ACK
STOP
S
C2
A
06A40A
P
START
ADDRESS BYTE
ACK
CONTROL BYTE
ACK
BAND-SWITCH BYTE
ACK
STOP
S
C2
A
CE
A09A
P
START
ADDRESS BYTE
ACK
CONTROL BYTE
ACK
STOP
SC2
A
CE
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com