Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032BFY6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 63Page - STMicroelectronics SMC032BFY6 Datasheet HTML 64Page - STMicroelectronics SMC032BFY6 Datasheet HTML 65Page - STMicroelectronics SMC032BFY6 Datasheet HTML 66Page - STMicroelectronics SMC032BFY6 Datasheet HTML 67Page - STMicroelectronics SMC032BFY6 Datasheet HTML 68Page - STMicroelectronics SMC032BFY6 Datasheet HTML 69Page - STMicroelectronics SMC032BFY6 Datasheet HTML 70Page - STMicroelectronics SMC032BFY6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
SMCxxxBF
CF-ATA command description
67/91
10.10
Read DMA (C8h)
This command uses Multi-Word DMA mode to read from 1 to 256 sectors as specified in the
Sector Count register. If the sector count is set to ‘0’, 256 sectors will be read by issuing a
Read DMA command.
Data transfer begins at the sector specified in the Sector Number Register. When the Read
DMA command is issued, the CompactFlash Card asserts BSY, and transfers all or part of
the sector data in the buffer. The Card can then set DRQ and clear BSY, although it is not
required.
The Card asserts DMARQ when data are available to be transferred. The host then reads
the 512*sector-count Bytes of data from the Card using DMA protocol. When DMARQ is
asserted, the host asserts -DMACK to notify it is ready to transfer data, and asserts -IORD
once for each 16 bit Word to be transferred.
Interrupts are not generated for each sector transfer, but when all sectors have been
transferred or when an error occurred during the operation.
An Abort error is returned by the Card when a Read DMA command is sent by the host and
the 8-bit transfer mode has been enabled by the Set Features command.
Table 60 defines the Read DMA command Byte sequence.
Table 60.
Read DMA
Bit
7
6
5432
1
0
Command (7)
C8h
C/D/H (6)
LBA
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com