Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9641PW Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 18Page - NXP Semiconductors PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors PCA9641PW Datasheet HTML 21Page - NXP Semiconductors PCA9641PW Datasheet HTML 22Page - NXP Semiconductors PCA9641PW Datasheet HTML 23Page - NXP Semiconductors PCA9641PW Datasheet HTML 24Page - NXP Semiconductors PCA9641PW Datasheet HTML 25Page - NXP Semiconductors PCA9641PW Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
22 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.8 Operating cycle of the downstream bus
8.8.1 Request the downstream bus
When a master seeks control of the bus by requesting its I2C-bus channel to the PCA9641
registers, it must write to the Control register (CONTR, 01h) and Reserve Time register
(RT, 03h) optional. LOCK_REQ bit and RT[7:0] allow the master to take control of the bus
in a period of RES_TIME without interrupting.
While master 0 is working on the downstream bus, master 1 can request the downstream
bus by writing to LOCK_REQ bit in CONTR register and RT register. When the
downstream bus is free and RES_TIME is expired, master 1 will have control of the
downstream bus.
If Reserve Time is set to 0, it will disable the timer counter. That means the master
requests the downstream bus forever or until it gives up the bus.
8.8.2 Acquire the downstream bus
After the master wrote to LOCK_REQ bit and RT register, it must poll LOCK_GRANT bit in
CONTR register or wait for interrupt signal (INTx pin) if LOCK_GRANT_MSK bit is set in
INT_MSK register for the ownership of the downstream bus.
When LOCK_GRANT bit is one, this master has full control of the downstream bus.
To start communication with downstream slave devices, master must connect to
downstream bus by setting BUS_CONNECT = 1.
8.8.3 Give up the downstream bus
The RES_TIME starts countdown after LOCK_GRANT becomes one. When the
RES_TIME becomes zero and the I2C-bus is free (SCL_SLAVE and SDA_SLAVE are
HIGH) after STOP condition, PCA9641 will clear the LOCK_GRANT bit.
If a master requests the downstream bus with RES_TIME = 0, it must write zero to
LOCK_REQ bit to give up its control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com