Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9641PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
10 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
7.3 Command Code
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9641, which will be stored in the Command Code register.
The 3 LSBs are used as a pointer to determine which register will be accessed. If the
auto-increment flag is set (AI = 1), the three least significant bits of the Command Code
are automatically incremented after a byte has been read or written. This allows the user
to program the registers sequentially or to read them sequentially.
• During a read operation, the contents of these bits will roll over to 000b after the last
allowed register is accessed (111b).
• During a write operation, the PCA9641 will acknowledge bytes sent to the CONTR,
STATUS, RT, INT_STATUS, INT_MSK, MB_LO and MB_HI registers, but will not
acknowledge bytes sent to the ID register since it is a read-only register. The 3 LSBs
of the Command Code do not roll over to 000b but stay at 111b.
Only the 3 least significant bits are affected by the AI flag.
Unused bits must be programmed with zeros. Any command code (write operation)
different from ‘AI000 0000’, ‘AI000 0001’, ‘AI000 0010’, ‘AI000 0011’, ‘AI000 0100’,
‘AI000 0101’, ‘AI000 0110’ and ‘AI000 111’ will not be acknowledged. At power-up, this
register defaults to all zeros.
Each system master controls its own set of registers, however they can also read specific
bits from the other system master.
Fig 5.
Command Code
Table 6.
Command Code register
B2
B1
B0
Register name
Type
Register function
0
0
0
ID
R only
8-bit device ID
0
0
1
CONTR
R/W
control register
0
1
0
STATUS
R/W
status register
0
1
1
RT
R/W
reserve time
1
0
0
INT_STATUS
R/W
interrupt status register
1
0
1
INT_MSK
R/W
interrupt mask register
1
1
0
MB_LO
R/W
low 8 bits of the mail box
1
1
1
MB_HI
R/W
high 8 bits of the mail box
aaa-008521
AI
0000
B2
B1
B0
register
number
auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com