Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9641PW Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 33Page - NXP Semiconductors PCA9641PW Datasheet HTML 34Page - NXP Semiconductors PCA9641PW Datasheet HTML 35Page - NXP Semiconductors PCA9641PW Datasheet HTML 36Page - NXP Semiconductors PCA9641PW Datasheet HTML 37Page - NXP Semiconductors PCA9641PW Datasheet HTML 38Page - NXP Semiconductors PCA9641PW Datasheet HTML 39Page - NXP Semiconductors PCA9641PW Datasheet HTML 40Page - NXP Semiconductors PCA9641PW Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
37 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
16.5 Bus initialization/recovery to initialize slaves without hardware reset
If the I2C-bus is hung, I2C-bus devices without a hardware reset pin (for example, Slave 1
and Slave 2 in Figure 26) can be isolated from the master by the PCA9641. The PCA9641
disconnects the hung bus if IDLE_TIMER_DIS was set or over 500 ms, restoring the
master's control of the rest of the bus (for example, Slave 0). The bus master can then
command the PCA9641 to send nine clock pulses/STOP condition to reset the
downstream I2C-bus devices before they are reconnected to the master or leave the
downstream devices isolated.
16.6 Power-on reset requirements
In the event of a glitch or data corruption, PCA9641 can be reset to its default conditions
by using the power-on reset feature. Power-on reset requires that the device go through a
power cycle to be completely reset. This reset also happens when the device is
powered on for the first time in an application.
The two types of power-on reset are shown in Figure 27 and Figure 28.
Fig 26. Bus initialization/recovery application
002aag824
PCA9641
SLAVE 1
SDA
SCL
SLAVE 2
slave I2C-bus
MASTER
SLAVE 0
RESET
SDA/SCL
Fig 27. VDD is lowered below 0.7 V or 0 V and then ramped up to VDD
Fig 28. VDD is lowered below the POR threshold, then ramped back up to VDD
aaa-013905
VDD
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
below 0.7 V or to VSS
td(rst)
002aah330
VDD
time
ramp-down
(dV/dt)f
ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
to VPOR(min) − 50 mV
td(rst)
VI drops below POR levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com