Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 229 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 229 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 225Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 226Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 227Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 228Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 229Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 233Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
217
Figure 57
- Telecom ADD Bus Timing - Locked AU4 VC Case
LREFCLK
••••
LAC1
LAOE
LAPL
LAC1J1V1
Implicit location
of VC4 J1 byte
LADATA[7:0]
A2C1 X X
H4
J1
National
bytes
First R column of TUG3 #1
V5
V1
V1 byte TU #1, TUG2 #1, TUG3 #1
Last H4 byte
in tributary
multiframe
V5 byte TU #1,
TUG2 #1, TUG3 #1
Fixed
Stuff
Columns
RR RRR R
R RRR RR
Z6
Z6 byte TU #1,
TUG2 #1, TUG3 #3
13.4.1 Notes on 77.76 MHz Telecom Bus Operation
Telecom bus operation at 77.76MHz is simply a byte interleaved multiplex of a
19.44 MByte/s stream with idle cycles. The STM-1 of interest is identified by the
LSTM[1:0] bits of the Master Bus Configuration register. On the Drop bus, the
three unused STM-1s are simply ignored, including parity. On the Add bus, the
unused STM-1s are high-impedance by default, but the bus may be configured
to drive continuously. The following is of special note:
1. Regardless of the state of the LSTM[1:0] bits, the LAC1 input pulse
always identifies the first of the twelve C1 bytes.
2. The LAC1J1V1 output is only valid if the LSTM[1:0] bit are “00”. The C1
indication will identify the first of the twelve C1 bytes. The J1 will be high
during either the first J1 byte or the first three J1 bytes depending on
whether AU3 or AU4 mode is programmed. The same is true of the V1
pulse. If more than one device is driving the bus, all devices must use the
same transmit payload pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com