Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 25Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 26Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 27Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
14
3
REFERENCES
• American National Standard for Telecommunications - Digital Hierarchy -
Synchronous DS3 Format Specifications, ANSI T1.103-1993
• American National Standard for Telecommunications – ANSI T1.105 –
“Synchronous Optical Network (SONET) – Basic Description Including Multiplex
Structure, Rates, and Formats,” October 27, 1995.
• American National Standard for Telecommunications – ANSI T1.105.02 –
“Synchronous Optical Network (SONET) – Payload Mappings,” October 27,
1995.
• American National Standard for Telecommunications - Digital Hierarchy -
Formats Specification, ANSI T1.107-1995
• American National Standard for Telecommunications - Digital Hierarchy - Layer 1
In-Service Digital Transmission Performance Monitoring, ANSI T1.231-1997
• American National Standard for Telecommunications - Carrier to Customer
Installation - DS-1 Metallic Interface Specification, ANSI T1.403-1995
• American National Standard for Telecommunications - Customer Installation–to-
Network - DS3 Metallic Interface Specification, ANSI T1.404-1994
• American National Standard for Telecommunications - Integrated Services Digital
Network (ISDN) Primary Rate- Customer Installation Metallic Interfaces Layer 1
Specification, ANSI T1.408-1990
• Bell Communications Research, TR–TSY-000009 - Asynchronous Digital
Multiplexes Requirements and Objectives, Issue 1, May 1986
• Bell Communications Research - DS-1 Rate Digital Service Monitoring Unit
Functional Specification, TA-TSY-000147, Issue 1, October, 1987
• Bell Communications Research - Alarm Indication Signal Requirements and
Objectives, TR-TSY-000191 Issue 1, May 1986
• Bell Communications Research - Wideband and Broadband Digital Cross-
Connect Systems Generic Criteria, TR-NWT-000233, Issue 3, November 1993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com