Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 119Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 121Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 122Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 123Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 124Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 125Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 126Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
111
Table 8
- DS3 synchronizer bit stuffing algorithm.
Row Number
Normal or DS3 AIS
Run Faster
Run Slower
1S
S
S
2S
S
S
3I
I
I
4S
S
S
5S
I
S
6I
I
S
7S
S
S
8S
I
S
9I
I
S
Under microprocessor control, the incoming DS3 stream can be overwritten with
the framed DS3 AIS. When asserting DS3 AIS, a nominal stuff pattern is used
as illustrated above. Please refer to the D3MD functional description section for
a description of the DS3 AIS frame.
The D3MA outputs the STS-1 (STM-0/AU3) with the mapped DS3 onto the Line
Add bus, LADATA[7:0].
9.33 Extract Scaleable Bandwidth Interconnect (EXSBI)
The Extract Scaleable Bandwidth Interconnect block demaps up to 84
1.544 Mbit/s links, 63 2.048 Mbit/s links, three 44.736 Mbit/s links, three
34.386 Mbit/s links or an arbitary bit rate from the SBI shared bus. The SBI
bandwidth is evenly divided into three SPEs, each of which may carry a different
payload type. The 1.544 Mbit/s links can be unframed or they can be T1 framed
and channelized for insertion into the DS3 multiplex or SONET/SDH mapping.
The 2.048 Mbit/s links can be unframed or they can be E1 framed and
channelized for insertion into the SONET/SDH mapping or G.747 multiplexer.
The 44.736 Mbit/s links can also be unframed for mapping into SONET/SDH.
The 44.736 Mbit/s links and 34.368 Mbit/s links can be DS3/E3 unchannelized
when the TEMAP-84 is used as a DS3/E3 framer. Finally, an arbitrary bandwidth
signal may be carried for presentation on the Flexible Bandwidth Port. The SBI
Bus Data Formats section provides the details of the mapping formats.
All egress links extracted from the SBI bus can be timed from the source or from
the TEMAP-84. When timing is from the source, the 1.544 Mbit/s, 2.048 Mbit/s,
34.368 Mbit/s or 44.736 Mbit/s internal clocks are slaved to the arrival rate of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com